Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download BAT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Schottky Diode
BAT54 / A / C / S
Silicon epitaxial planar type
Formosa MS
SOT-23
0.040 (1.02) 0.035 (0.88)
Features
Small surface mounting type High reliability
0.118 (3.00) 0.110 (2.80) .079(2.00)
0.017 (0.42) (C) R 0.05 (0.002)
.071(1.80)
High speed ( trr < 5 ns )
(B) (A)
Mechanical data
Case : SOT-23 Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Mounting P osition : Any
0.055 (1.40) 0.047 (1.20) 0.102 (2.60) 0.094 (2.40)
0.028 (0.70) 0.020 (0.50)
0.045 (1.15) 0.033 (0.85)
Dimensions in inches and (millimeters)
Marking Code
BAT54 KL1
A B
BAT54A KL2
A B
BAT54C KL3
A B
BAT54S KL4
A B
C
C
C
C
MAXIMUM RATINGS (AT T A =25 o C unless otherwise noted)
PARAMETER Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward current Junction temperature Storage temperature t p < 10 ms tp < 1 s CONDITIONS Symbol V RRM VR I FSM I FRM IF Tj T STG -55 MIN. TYP. MAX. 30 30 600 300 200 125 +150 UNIT V V mA mA mA
o o
0.015 (0.38)
C C
ELECTRICAL CHARACTERISTICS (AT T A=25 oC unless otherwise noted)
PARAMETER I F = 0.1mA I F = 1mA Forward voltage I F = 10mA I F = 30mA I F = 100mA Reverse current Diode capacitance Reverse recovery time V R = 25V V R = 1V , f = 1MHz I F =10mA, V R = 10mA, I RR = 0.1 X I R , R L =100 OHM CONDITIONS Symbol VF VF VF VF VF IR CD t rr MIN. TYP. MAX. 0.240 0.320 0.400 0.500 0.800 2.0 10.0 5 UNIT V V V V V uA pF ns
RATING AND CHARACTERISTIC CURVES for each diode (BAT54 / A / C / S)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
1000 handbook, halfpage
(1) (2) (3)
FIG.2 - Leakage Current CHARACTERISTICS
1000
(1)
100
REVERSE LEAKAGE CURRENT, (uA)
FORWARD CURRENT,(mA)
100
(2)
10
10
(1)
(2)
(3)
1
1
(3)
0.1
0
0.4
(1) TA = 125 OC (2) TA = 85 OC
0.8
(3) TA = 25 OC
1.2
0.1
0
10
(1) TA = 125 OC (2) TA = 85 OC
20
(3) TA = 25 OC
30
FORWARD VOLTAGE,(V)
REVERSE VOLTAGE, (V)
FIG.3-TYPICAL JUNCTION CAPACITANCE
h
15
JUNCTION CAPACITANCE,(pF)
10
5
0
0
10
20
30
REVERSE VOLTAGE,(V)
820 OHM +10V 2K 100uH 0.1 uF
IF
tr
tp 10%
t tr t
0.1 uF
50 OHM OUTPUT PULSE GENERATOR
DUT
50 OHM INPUT SAMPLING OSCILLOSCOPE
90% IR(REC)=1 mA VR
OUTPUT PULSE (IF=IR=10mA;measured at iR(REC)=1mA)
Notes : 1. A2.0 Kohm variable resistor adjusted for a forward Current (IF) of 10mA. Notes: Notes:
2. Input pulse is adjusted so IR(peak) is equal to 10 mA. 3. tp >> trr.
t
Recovery Time Equivalent Test Circuit


▲Up To Search▲   

 
Price & Availability of BAT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X